Part Number Hot Search : 
A223M EX24016 2C500A MH89770 B5117 16802 12121 MAX168
Product Description
Full Text Search
 

To Download 18403101K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: frontierusa.com
Radial Leads Inductors (Choke Coil)--18403 series
A. Specifications:
Part Number
184031R0M 184031R5M 184032R2M 184033R3M 184034R7M 184036R8M 18403100K 18403120K 18403150K 18403180K 18403220K 18403270K 18403330K 18403390K 18403470K 18403560K 18403680K 18403820K 18403101K 18403121K 18403151K 18403181K 18403221K 18403271K 18403331K 18403391K 18403471K 18403561K 18403681K 18403821K 18403102K 18403122K 18403152K 18403182K 18403222K 18403272K 18403332K 18403392K 18403472K 18403562K 18403682K 18403822K 18403103K 18403123K 18403153K
L (uH) @ 1KHz
1.0 1.5 2.2 3.3 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000
Q Min.
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 15 15 15 15 20 20 20 20 20 20 20 20 20 20 20 20 50 50 50
Test Freq. (MHz)
7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.079 0.079 0.079
SRF Min. (MHz)
85 64 48 36 28 22 16 14 12 11 10 9.0 8.0 7.0 6.0 5.5 5.0 4.5 4.0 3.5 3.0 2.8 2.5 2.2 2.0 1.8 1.6 1.4 1.3 1.2 1.00 0.90 0.85 0.80 0.75 0.70 0.65 0.60 0.55 0.50 0.45 0.40 0.35 0.30 0.25
DCR () Max.
0.004 0.005 0.006 0.008 0.009 0.012 0.016 0.018 0.020 0.025 0.030 0.040 0.050 0.060 0.070 0.080 0.10 0.12 0.14 0.18 0.22 0.25 0.31 0.36 0.42 0.48 0.52 0.65 0.80 1.0 1.5 1.8 2.0 2.5 3.0 3.5 4.0 5.0 6.0 7.5 9.5 11.0 12.0 13.5 15.0
Rated Current (A) Max.
10.00 8.30 6.90 5.60 4.70 3.90 3.20 2.90 2.60 2.40 2.20 2.00 1.80 1.65 1.50 1.35 1.20 1.10 1.00 0.90 0.82 0.75 0.68 0.61 0.55 0.50 0.46 0.42 0.38 0.34 0.31 0.28 0.25 0.23 0.21 0.19 0.17 0.15 0.14 0.13 0.12 0.11 0.10 0.09 0.08
Type
I I I I I I I I I I I I I I I I I II II II II II II II II II II II II II II II II II II II II II II II II II II II II
Custom specifications are available.
Note: RoHS compliant; for the ROHS parts, we add "-LFR" at the end of the P/N.
Radial Leads Inductors (Choke Coil) P/N 18403 Series Rev. A Jan. 01, 2006 Page 1 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: frontierusa.com
Radial Leads Inductors (Choke Coil)--18403 series
B. Mechanical Dimensions:
C. General Information:
1. 2. 3. 4. 5. 6. 7. 8. Inductance Tolerance: M:20%, K: 10%. Inductance (Current) ranges: 1.0uH (10A) - 15000uH (80mA) DCR: from 0.004 - 15.0 Ohms. Operating temperature: -20C to +85C. Temperature rise: 25C Max. Ambient temperature: 60C Max. Test condition: 1 KHz. Test equipment: L: HP4276A LCZ Meter. Q: HP4342A at specified frequency. DCR: Milli-Ohm meter. SRF: HP4191A. Custom specifications are available.
Note: RoHS compliant; for the ROHS parts, we add "-LFR" at the end of the P/N.
Radial Leads Inductors (Choke Coil) P/N 18403 Series
Rev. A
Jan. 01, 2006 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 18403101K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X